Part Number Hot Search : 
ACS8530T MMBT589 BC858BR XL4013E1 2SD2544 TA7738 NTE4151P 9HPES12
Product Description
Full Text Search
 

To Download AB-143SW-12V0-G40-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A - B RI G H T
A-BRIGHT INDUSTRIAL CO., LTD.
14 LAMPS LED BULB
Data Sheet
Description: These 14 lamps LED Bulbs are specifically designed for flashlight electric equipment, indicator light switch and where a wide view angle. The 3mm round shaped radiation pattern (55) and high luminous intensity ensure that these devices are excellent for wide field of view outdoor applications where a wide viewing angle and readability in sunlight are essential.
Feature: Wide view angle High efficiency LED High luminous output materials are used in this Seven kind color Bulb. Every lamp is made with an Solid-state Vibration advanced optical grade resistant Saving power epoxy offering superior Long life high shock and high temperature resistance in outdoor applications. Option: 12V AC/DC Other industry standard base
A-BRIGHT
A-BRIGHT INDUSTRIAL CO.,LTD.
A-BRIGHT 1
10/31/2006
A - B RI G H T
PACKAGE DIMENSIONS:
A-BRIGHT INDUSTRIAL CO., LTD.
14 Lamps LED Bulb
Part No.: AB-143SW-12V0-G40-B
NOTE:
1.All dimensions are in millimeter. 2.Bulb base : G4. 3.All tolerance are 0.5mm.
A-BRIGHT 2
10/31/2006
A - B RI G H T
FEATURE:
A-BRIGHT INDUSTRIAL CO., LTD.
14 Lamps LED Bulb
Part No.: AB-143SW-12V0-G40-B
SUPER LUMINOSITY SUNSET WHITE LED (InGaN). WATER CLEAR PACKAGE. 3mm ALL RESIN MOLD. WIDE VIEWING ANGLE. BASE MODEL G4. ELECTRIC AC/DC BI-POLAR.
ABSOLUTE MAXIMUM RATING:
Ta = 25 20 TO 80 40 TO 80 20000 HOURS (LUMINANCE REDUCES to 50%)
OPERATING TEMPERATURE...................... STORAGE TEMPERATURE......................... LED BULB LIFE......................................
ABSOLUTE OPTICAL CHARACTERISTIC
Ta= 25
* Lamp house Material/Parameter
Chromaticity
Luminous Intensity Min. 9000 Typ. 13300
Forward Voltage Typ. 3.2 Max. 3.5
View Angle Typ. 55
Spec
LED Diameter
Number
Emitting Color
Coordinates
Typ. LED O3 Round 14 Sunset White X : 0.45 Y : 0.41
A-BRIGHT 3
10/31/2006
A - B RI G H T
A-BRIGHT INDUSTRIAL CO., LTD.
14 Lamps LED Bulb
Part No.: AB-143SW-12V0-G40-B * Finished Product Parameter
Characteristics Power Dissipation Input Current Input Voltage Luminous Flux Operating Voltage Symbol PD (AC/DC) (AC/DC) LM (AC/DC) MIN.
TYP. 1.0 40 12 12 12
MAX. 14 14
Unit W mA V LM V
A-BRIGHT 4
10/31/2006


▲Up To Search▲   

 
Price & Availability of AB-143SW-12V0-G40-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X